PART |
Description |
Maker |
19C005PG2L 19C200PA4L 19C200PG2L 19C200PG3L 19C200 |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-5Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-200Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-200Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-3Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-10Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-30Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-30Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-50Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-100Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-300Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-15Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-15Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-50Psi, 0-100mV, CYLINDRICAL, THROUGH HOLE MOUNT
|
|
SM5611-005-G-1-L SM5611-005-G-1-S SM5612-060-G-1-S |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-5Psi, 0.20-105.20mV, RECTANGULAR, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-60Psi, 0.20-40.20mV, RECTANGULAR, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-100Psi, 0.20-105.20mV, RECTANGULAR, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-100Psi, 0.20-40.20mV, RECTANGULAR, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.15Psi, 0.20-105.20mV, RECTANGULAR, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-3Psi, 0.20-40.20mV, RECTANGULAR, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-1.5Psi, 0.20-105.20mV, RECTANGULAR, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-5Psi, 0.20-40.20mV, RECTANGULAR, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-60Psi, 0.20-105.20mV, RECTANGULAR, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-100Psi, 0.20-105.20mV, RECTANGULAR, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-100Psi, 0.20-105.20mV, RECTANGULAR, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-15Psi, 0.20-105.20mV, RECTANGULAR, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-0.8Psi, 0.20-105.20mV, RECTANGULAR, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-5Psi, 0.20-40.20mV, RECTANGULAR, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-0.15Psi, 0.20-105.20mV, RECTANGULAR, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-0.3Psi, 0.20-40.20mV, RECTANGULAR, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-1.5Psi, 0.20-40.20mV, RECTANGULAR, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.3Psi, 0.20-40.20mV, RECTANGULAR, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-60Psi, 0.20-40.20mV, RECTANGULAR, THROUGH HOLE MOUNT
|
EXAR CORP
|
PC100GW |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-100Psi, 0-100mV, CYLINDRICAL
|
HONEYWELL SENSING AND CONTROL
|
MPXV5050GP |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-7.25Psi, 2.5%, 0.20-4.70V, SQUARE, SURFACE MOUNT
|
FREESCALE SEMICONDUCTOR INC
|
HPX005GD |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-5.8Psi, 20-60mV, SQUARE, THROUGH HOLE MOUNT DIP-6
|
Honeywell International, Inc.
|
DC005NGC4 DC0.05NDC4 |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.181Psi, 0.05%, 0.25-4.25V, RECTANGULAR, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-0.002Psi, 0.05%, 2.25-6.25V, RECTANGULAR, THROUGH HOLE MOUNT
|
HONEYWELL SENSING AND CONTROL
|
MPX4250D MPX4250DP MPX4250GS MPX4250GSX |
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output 经营概况集成压力传感250 kPa36.3 PSI)的0.2.91伏特输出 OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-36.25Psi, 1.4%, 0.20-4.90V, ROUND, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
NJL5175K NJL5175K-F1 NJL5175K-F10 NJL5175K-F2 NJL5 |
POSITION, LINEAR SENSOR-DIFFUSE, 0.7-0.7mm, 0.07-0.03mA, RECTANGULAR, THROUGH HOLE MOUNT Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 10 Vdc excitation 实景反射 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 1.5 mA excitation From old datasheet system PHOTO REFLECTOR
|
New Japan Radio Co., Ltd.
|
B58620H5810A018 B58620H5810A019 B58620H5810A020 B5 |
Pressure sensors ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0.5-4.5V, CYLINDRICAL
|
EPCOS AG
|
SC4000 |
Universal Timeslot Interchange Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
NXP Semiconductors Philips Semiconductors
|
5962-9559201MEA AD677-EB AD677 AD677KD AD677JD AD6 |
16-Bit 100 kSPS Sampling ADC 16-Bit, Serial, 100 kSPS Sampling ADC. Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 10 psi, Gage, 1/4 BSPP, 10 Vdc excitation
|
Analog Devices, Inc.
|
KP202-A KP202-AK KP203-AK |
ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-14.5Psi, 0.4%, 0-200mV, RECTANGULAR, SURFACE MOUNT PLASTIC, SO-8 ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-29Psi, 0.4%, 0-200mV, RECTANGULAR, SURFACE MOUNT PLASTIC, SO-8
|
SIEMENS AG SIEMENS A G
|
|